Part Number Hot Search : 
205ND ISL29044 13000 MMC4093 DS4212AN SMB5370B 2N1480 00SER
Product Description
Full Text Search
 

To Download U8101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features customizable cards to suit testing needs batch testing of up to five displays simultaneously thumbnail view of test patterns on large color lcd display intuitive gui and hotkeys for quicker access to a function, slot or set-up file save and recall of up to 16 test configurations usb interface for easy uploading and downloading of files to pc optimized to test by todays common hdmi and dvi standards programmable tmds output signal for flexible dvi and hdmi testing e-edid read/write hdcp ok/ng agilent U8101A display tester customizable and fewer steps to test data sheet agilent U8101A display tester enables testing across a broad range of analog as well as digital crt and fpd displays, including high-resolution hdtvs. whats more: you can do this more efficiently with the choice to re-configure U8101As test cards and navigate quickly via front panel hotkeys. pay for only what you need, not what you dont the U8101A lets you choose from its range of cards: tv, vga, dvi and hdmi. by customizing, you need only one device to test up to five displays simultaneously, hence more value for money. this makes for ideal batch testing in manufacturing, regardless of the mix of displays or test patterns. time waits for no man, and the U8101A understands that from its large color display to intuitive interface and hotkeys, the U8101A is designed with ease of use in mind. imagine a simpler and quicker pattern-selection process when you can scroll through a list of patterns in thumbnail view. with convenient hotkeys on the front panel, access to frequently used patterns, test sequences and functions becomes a breeze, leading ultimately to shorter test times.
figure 1. the U8101As re-configurable cards enable production testing of multiple displays at the same time. 2 customizable cards, simultaneous batch testing figure 2. large color display with intuitive gui eases tasks such as pattern selection via thumbnail viewing. the features you need larger color lcd display, intuitive gui easy upload/download via usb figure 3. availability of common pc interface offers an easy avenue to transfer customized patterns/images, edid, firmware upgrade and help files to and from usb flash drive.
3 convenient access with hotkeys figure 4. hotkeys provide quick access to frequently used functions, including save/recall of up to 16 test configurations. optimized to test todays common hdmi and dvi standards figure 5. the U8101A supports common dvi 1.0 and hdmi 1.2 standards, including programmable tmds output signal. the features you need (continued)
4 take a closer look figure 7. U8101A rear panel plug-and-play usb 2.0 interface large color display common function access instant slot access quick test sequence access figure 6. U8101A front panel re-configurable to only cards that you need audio out control interface tv card hdmi card dvi card vga card lan gpib (open slot)
5 performance characteristics tv: analog composite connector display format full-scale amplitude pixel clock pixel rate step accuracy horizontal timing frequency total pixels blank pixels vertical timing frequency total lines blank lines scan mode cvbs (rca) s-video (4-pin mini-din) ntsc, pal sdtv, edtv (s-video only) 1000 mv 50 mv 24.55 mhz to 29.50 mhz 10% range at 1% step 50 ppm 15.625 khz to 15.75 khz 2640 (max) 0 (min) 25 hz to 30 hz 1125 (max) 1 (min) progressive and interlaced tv: analog component ypbpr (rca) ntsc, pal, sdtv, edtv, hdtv adjustable simultaneously for all three components: 1000 mv 30 mv for y 350 mv 15 mv for pb and pr 24.55 mhz to 74.25 mhz 10% range at 1% step 50 ppm 15.625 khz to 45 khz 2640 (max) 0 (min) 23 hz to 60 hz 1125 (max) 1 (min) progressive and interlaced connector display format full-scale amplitude pixel clock pixel rate step accuracy horizontal timing frequency total pixels blank pixels vertical timing frequency total lines blank lines scan mode
6 pc: analog component connector display format full-scale amplitude e-edid pixel clock pixel rate step accuracy horizontal timing total pixels blank pixels step vertical timing total lines blank lines step scan mode d-sub 15 (vga) vesa dmt/cvt 700 mv 35 mv read/write (ver 1.4) 10 mhz to 205 mhz 1% of pixel clock 3 ppm 8192 (max) 0 (min) 1 2048 (max) 1 to (total-1) (min) 1 progressive and interlaced dvi version connector display format encoding bits/component e-edid hdcp tmds output amplitude step pixel clock pixel rate step accuracy dvi 1.0 dvi-d (single link) vesa dmt/cvt 4:4:4 rgb 8 read/write (ver 1.4) hdcp 1.0 76 mvp-p to 1810 mvp-p 6 mv 25 mhz to 165 mhz 1% of pixel clock 3 ppm performance characteristics (continued)
7 horizontal timing total pixels blank pixels step vertical timing total lines blank lines step scan mode 4095 (max) 128 (min) 1 2047 (max) 1 (min) 1 progressive and interlaced hdmi version connector video display format encoding bits/component e-edid hdcp tmds output amplitude step pixel clock pixel rate step accuracy horizontal timing frequency total pixels blank pixels step vertical timing frequency total lines blank lines step scan mode external audio input connector amplitude sampling rate input impedance hdmi 1.2 hdmi type a (single link) sdtv, edtv, hdtv, vesa dmt/cvt 4:4:4 rgb, 4:4:4 ycbcr, 4:2:2 ycbcr 8 read/write (ver 1.4) hdcp 1.0 76 mvp-p to 1810 mvp-p 6 mv 25 mhz to 165 mhz 1% of pixel clock 3 ppm 126 khz (max) 4095 (max) 138 (min) 1 240 hz (max); supports cea-861-d standard 2047 (max) 1 (min) 1 progressive and interlaced s/pdif (bnc) as received 32 khz to 192 khz 75 performance characteristics (continued)
8 external trigger out audio out channel connector waveform frequency range output amplitude 2 (l/r) rca per wince sound file 20 hz to 20 khz 0 vp-p to 2 vp-p availability connector trigger type trigger point trigger delay trigger pulse width polarity output level tv, vga, dvi and hdmi cards bnc frame sync, line sync, composite sync position at any pixel in multiples of pixel width 1 pixel-clock cycle positive-edge and negative-edge > 2 v, 5 v ttl compatible performance characteristics (continued)
9 display pattern file types power supply power usage surge power ambient temperature humidity operating altitude internal memory external memory interface control interface programming language storage interface dimensions (wxhxd) weight safety and emc compliance calibration interval warranty 5.7-inch color lcd bmp, tiff 100 v to 240 v 10% (47 hz to 63 hz) < 100 va 3 kv, 6 a (per iec61000-4-5) operating 0 o c to 40 o c; non-operating C40 o c to +70 o c operating 20% to 80% rh non-condensing; non-operating 5% to 90% rh non-condensing up to 3000 m (10,000 ft) 4 gb flash memory usb 2.0 gpib, lan scpi usb 2.0 426.8 mm x 141.4 mm x 405.0 mm 7.5 kg (15.5 lbs) iec 61326-2002/en 61326:1997+a1:1998+a2:2001+a3:2003 cispr 11:1990/en55011:1990 canada: ices-001:2004 australia/new zealand: as/nzs cispr11:2004 iec 61010-1:2001/en 61010-1:2001 (2nd edition) canada: can/csa-c22.2 no. 61010-1-04 usa: ansi/ul 61010-1:2004 1 year standard 1-year, return-to-agilent warranty and service plan for the U8101A 3 months warranty for standard-shipped accessories (see page 13) general specifications performance characteristics (continued)
10 performance characteristics (continued) supported pc standards format dmt0685eg dmt0685d dmt0785tx dmt0660 dmt0672 dmt0675 dmt0685 dmt0856 dmt0860 dmt0872 dmt0875 dmt0885 dmt0860ad dmt1060 dmt1070 dmt1075 dmt1085 dmt1175 cvt1260e-r cvt1260e cvt1275e cvt1285e dmt1260 dmt1285 dmt1260g dmt1275g dmt1285g dmt1360ab cvt1460-r cvt1475 cvt1485 cvt1460d-r cvt1460d cvt1485d dmt1660 dmt1665 dmt1670 dmt1675 cvt1660d-r cvt1660d cvt1675d cvt1960d-r standard vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa vesa resolution 640x350 640x400 720x400 640x480 640x480 640x480 640x480 800x600 800x600 800x600 800x600 800x600 848x480 1024x768 1024x768 1024x768 1024x768 1152x864 1280x768 1280x768 1280x768 1280x768 1280x960 1280x960 1280x1024 1280x1024 1280x1024 1360x768 1400x1050 1400x1050 1400x1050 1440x900 1440x900 1440x900 1600x1200 1600x1200 1600x1200 1600x1200 1680x1050 1680x1050 1680x1050 1920x1200 scan mode p p p p p p p p p p p p p p p p p p p p p p p p p p p p p p p p p p p p p p p p p p frame rate (hz) 85.08 85.08 85.04 59.94 72.81 75.00 85.01 56.25 60.32 72.19 75.00 85.06 60.00 60.00 70.07 75.03 85.00 75.00 60.00 59.87 74.89 84.84 60.00 85.00 60.02 75.03 85.02 60.02 59.95 74.87 84.96 59.90 59.89 84.84 60.00 65.00 70.00 75.00 59.88 59.95 74.89 59.95 interface sampling frequency (mhz) 31.50 31.50 35.50 25.18 31.50 31.50 36.00 36.00 40.00 50.00 49.50 59.25 33.75 65.00 75.00 78.75 94.50 108.00 68.25 79.50 102.25 117.50 108.00 148.50 108.00 135.00 157.50 85.50 101.00 156.00 179.50 88.75 106.50 157.00 162.00 175.50 189.00 202.50 119.00 146.25 187.00 154.00 total pixels (horizontal) 832 832 936 800 832 840 832 1024 1056 1040 1056 1048 1088 1344 1328 1312 1376 1600 1440 1664 1696 1712 1800 1728 1688 1688 1728 1792 1560 1896 1912 1600 1904 1952 2160 2160 2160 2160 1840 2240 2272 2080 total lines (vertical) 445 445 446 525 520 500 509 625 628 666 625 631 517 806 806 800 808 900 790 798 805 809 1000 1011 1066 1066 1072 795 1080 1099 1105 926 934 948 1250 1250 1250 1250 1080 1089 1099 1235 aspect ratio 64:35 16:10 9:5 4:3 4:3 4:3 4:3 4:3 4:3 4:3 4:3 4:3 5:3 4:3 4:3 4:3 4:3 4:3 5:3 5:3 5:3 5:3 4:3 4:3 4:3 4:3 4:3 5:3 4:3 4:3 4:3 8:5 8:5 8:5 4:3 4:3 4:3 4:3 8:5 8:5 8:5 8:5
11 format hdtv 1080i25 1080i29 1080i30 1080p23 1080p24 1080p25 1080p29 1080p30 1080p50 1080p59 1080p60 1035i29 1035i30 720p23 720p24 720p25 720p29 720p30 720p50 720p59 720p60 edtv 576p50 483p59 483p60 sdtv 480i29s 480i30s 480i29 480i30 576i25 576i25s standard smpte 274m smpte 274m smpte 274m smpte 274m smpte 274m smpte 274m smpte 274m smpte 274m smpte 274m smpte 274m smpte 274m smpte 240m smpte 240m smpte 296m smpte 296m smpte 296m smpte 296m smpte 296m smpte 296m smpte 296m smpte 296m itu 1358 smpte 293m smpte 293m itu 601 itu 601 itu 601 itu 601 itu 601 itu 601 resolution 1920x1080 1920x1080 1920x1080 1920x1080 1920x1080 1920x1080 1920x1080 1920x1080 1920x1080 1920x1080 1920x1080 1920x1035 1920x1035 1280x720 1280x720 1280x720 1280x720 1280x720 1280x720 1280x720 1280x720 720x576 720x483 720x483 640x480 640x480 720x480 720x480 720x576 768x576 scan mode i i i p p p p p p p p i i p p p p p p p p p p p i i i i i i frame rate (hz) 25.00 29.97 30.00 23.90 24.00 25.00 29.97 30.00 50.00 59.94 60.00 29.97 30.00 23.98 24.00 25.00 29.97 30.00 50.00 59.94 60.00 50.00 59.94 60.00 29.97 30.00 29.97 30.00 25.00 25.00 interface sampling frequency (mhz) 74.25 74.18 74.25 74.18 74.25 74.25 74.18 74.25 148.50 148.35 148.50 74.18 74.25 74.18 74.25 74.25 74.18 74.25 74.25 74.18 74.25 27.00 27.00 27.03 12.27 12.29 13.50 13.51 13.50 14.75 total pixels (horizontal) 2640 2200 2200 2750 2750 2640 2200 2200 2640 2200 2200 2200 2200 4125 4125 3960 3300 3300 1980 1650 1650 864 858 858 780 780 858 858 864 944 total lines (vertical) 1125 1125 1125 1125 1125 1125 1125 1125 1125 1125 1125 148 148 750 750 750 750 750 750 750 750 625 525 525 525 525 525 525 625 625 aspect ratio 16:9 16:9 16:9 16:9 16:9 16:9 16:9 16:9 16:9 16:9 16:9 16:9 16:9 16:9 16:9 16:9 16:9 16:9 16:9 16:9 16:9 4:3 4:3 4:3 4:3 4:3 4:3 4:3 4:3 4:3 supported digital tv standards performance characteristics (continued)
12 performance characteristics (continued) display format hdtv edtv sdtv ntsc pal vesa (vga, svga, wvga, xga, xga+, wxga, sxga, sxga+, wsxga, wsxga+, uga, wuxga) burst colorbar100_rp219 colorbar100 colorbar75 cross halfclock circles pulse ramp_modulated_hor others raster greyscale16 greyscale8 step5 others stripe checker_line wide_window100 other wide_window_white color bar patterns ramp step window supported test patterns supported analog tv standards format ntsc ntsc-4 ntsc-n ntsc-m ntsc-j ntsc-s pal pal-60 pal-b pal-d pal-g pal-h pal-i pal-m pal-n pal-s standard smpte 170m smpte 170m smpte 170m smpte 170m smpte 170m itu 470 itu 470 itu 470 itu 470 itu 470 itu 470 itu 470 itu 470 itu 470 resolution 720x480 720x576 720x480 720x480 640x480 720x480 720x576 720x576 720x576 720x576 720x576 720x480 720x576 768x576 scan mode i i i i i i i i i i i i i i frame rate (hz) 29.97 25.00 29.97 29.97 29.97 30.00 25.00 25.00 25.00 25.00 25.00 29.97 25.00 25.00 interface sampling frequency (mhz) 13.51 13.50 13.50 13.50 12.27 13.51 13.50 13.50 13.50 13.50 13.50 13.51 13.50 14.75 total pixels (horizontal) 858 864 858 858 780 858 864 864 864 864 864 858 864 944 total lines (vertical) 525 625 525 525 525 525 625 625 625 625 625 525 625 625 subcarrier frequency (mhz) 4.43 3.58 3.58 3.58 3.20 4.433 4.430 4.430 4.430 4.430 4.430 3.573 4.433 4.800 aspect ratio 4:3 4:3 4:3 4:3 4:3 4:3 4:3 4:3 4:3 4:3 4:3 4:3 4:3 4:3
ordering information * for other card configurations, contact your local agilent office or sales representative. standard-shipped accessories lan and usb cables power cord 2x male rca to 2x male rca (2 m) product reference cd-rom (contains U8101A quick start guide and user guide) quick start guide certificate of calibration 13 model number U8101A-801 U8101A-802 U8101A-803 description display test configuration consisting of main box, tv card, hdmi 1.2 card, dvi card and vga card pc display test configuration consisting of main box, vga card and dvi card analog tv display test configuration consisting of main box and tv card optional accessories u9101a-101 u9101a-102 u9101a-103 u9101a-104 u9101a-105 u9101a-106 u9101a-107 u9101a-108 u9101a-109 u9101a-110 u9101a-908 description male s-video to male s-video cable, 2 m, black composite (cvbs) cable: 1x male rca to 1x male rca cable; 2 m; yellow component (ypbpr) cable: 3x male rca to 3x male rca cable; 2 m; green, blue and red male dvi to male dvi cable; 2 m; black male dvi to male hdmi cable; 2 m; black male hdmi to male hdmi cable; 2 m; black male vga to male vga cable; 2 m; black s/pdif cable: male bnc to male rca cable; 2 m; black audio cable: 2x male rca to 2x male rca cable; 2 m; red and white male bnc to male bnc cable; 75 ; 2 m; black rackmount kit + panel filler
remove all doubt our repair and calibration services will get your equipment back to you, performing like new, when prom- ised. you will get full value out of your agilent equipment through- out its lifetime. your equipment will be serviced by agilent-trained technicians using the latest factory calibration procedures, automated repair diagnostics and genuine parts. you will always have the utmost confidence in your measurements. agilent offers a wide range of ad- ditional expert test and measure- ment services for your equipment, including initial start-up assistance onsite education and training, as well as design, system integration, and project management. for more information on repair and calibration services, go to www.agilent.com/find/removealldoubt product specifications and descriptions in this document subject to change without notice. www.agilent.com www.agilent.com/find/displaytester for more information on agilent technologies products, applications or services, please contact your local agilent office. the com- plete list is available at: www.agilent.com/find/contactus phone or fax americas canada latin america united states (877) 894-4414 305 269 7500 (800) 829-4444 asia pacific australia china hong kong india japan korea malaysia singapore taiwan thailand 1 800 629 485 800 810 0189 800 938 693 1 800 112 929 0120 (421) 345 080 769 0800 1 800 888 848 1 800 375 8100 0800 047 866 1 800 226 008 europe & middle east austria belgium denmark finland france germany ireland israel italy netherlands spain sweden switzerland united kingdom other european countries: www.agilent.com/find/contactus 01 36027 71571 32 (0) 2 404 93 40 45 70 13 15 15 358 (0) 10 855 2100 0825 010 700* *0.125 /minute 07031 464 6333 1890 924 204 972-3-9288-504/544 39 02 92 60 8484 31 (0) 20 547 2111 34 (91) 631 3300 0200-88 22 55 0800 80 53 53 44 (0) 118 9276201 revised: october 6, 2008 ? agilent technologies, inc. 2009 printed in usa, july 9, 2009 5989-9117en www.agilent.com/find/emailupdates get the latest information on the products and applications you select. www.agilent.com/find/agilentdirect quickly choose and use your test equipment solutions with confidence. agilent email updates agilent direct www.agilent.com/find/open agilent open simplifies the process of connecting and programming test systems to help engineers design, validate and manufacture electronic products. agilent offers open connectivity for a broad range of system-ready instruments, open industry software, pc-standard i/o and global support, which are combined to more easily integrate test system development.


▲Up To Search▲   

 
Price & Availability of U8101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X